PART |
Description |
Maker |
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
25.340.0553.0 |
Terminal Block; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:5; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
39351-0002 39351-0011 |
CONN TERM BLOCK 3.5MM 2POS R/A 10 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 3.5MM 11POS R/A 10 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
MS-7-141 MS-13-141 |
BARRIER BLK MARKER STRIP 13POS 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Connector: Terminal Blocks Connector: PL: 7: 11.13: SOL
|
Cinch Connectors Ltd
|
7602-002 |
Terminal Blocks 20 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
TUSONIX, Inc.
|
25.001.1856.0 |
STRIP TERMINAL BLOCK
|
WIELAND ELECTRIC INC
|
PJ604 |
STRIP TERMINAL BLOCK
|
ADC
|
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
21516-60 21308-58 21212-CB 21113-CB |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
78310 78509 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT MOLEX INC
|
ASH-955-10P-H ASH-953-18P-H ASH-955-2P-H |
BARRIER STRIP TERMINAL BLOCK
|
CommScope, Inc.
|
|